Part Number Hot Search : 
3NG22 PI90LV14 TEF0512 LUG2040 SP8916 78DL09 AS7C3 ADCLK
Product Description
Full Text Search
 

To Download RS-100-33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  environment protection specification model rs-100-3.3 rs-100-5 rs-100-12 rs-100-15 rs-100-24 r s-100-48 dc voltage rated current current range rated power ripple & noise (max.) note.2 output voltage adj. range voltage tolerance note.3 line regulation note.4 load regulation note.5 setup, rise time hold time (typ.) voltage range frequency range efficiency (typ.) ac current (typ.) input inrush current (typ.) leakage current safety standards harmonic current ems immunity working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over load over voltage 3.3v 5v 12v 15v 24v 48v 20a 16a 8.5a 7a 4.5a 2.3a 0 ~ 20a 0 ~ 16a 0 ~ 8.5a 0 ~ 7a 0 ~ 4.5a 0 ~ 2.3a 66w 80w 102w 105w 108w 110.4w 80mvp-p 80mvp-p 120mvp-p 120mvp-p 120mvp-p 200mvp-p 3.2v ~ 3.5v 4.75 ~ 5.5v 11.4 ~ 13.2v 14.25 ~ 16.5v 22.8 ~ 26.4v 45.6 ~ 52.8v 3.0% 2.0% 1.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 2.0% 1.0% 0.5% 0.5% 0.5% 0.5% 500ms, 20ms/230vac 1200ms, 30ms/115vac at full load 100ms/230vac 18ms/115vac at full load 88 ~ 264vac 125 ~ 373vdc (withstand 300vac surge for 5sec. without damage) 47 ~ 63hz 74% 3.8 ~ 4.45v 5.75 ~ 6.75v 13.8 ~ 16.2v 17.25 ~ 20.25v 27.6 ~ 32.4v 55.2 ~ 64.8v 77% 81% 82% 84% 84% 2.5a/115vac 1.5a/230vac cold start 40a/230vac <2ma / 240vac 110 ~ 150% rated output power protection type : hiccup mode, recovers automatically after fault con dition is removed ul60950-1, tuv en60950-1 approved compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11; env50204, en61000-6 -2 (en50082-2) heavy industry level, criteria a -25 ~ +70 (refer to output load derating curve) 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 5g 10min./1cycle, period for 60min. each along x, y, z axes 260.8khrs min. mil-hdbk-217f (25 ) 159*97*38mm (l*w*h) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. line regulation is measured from low line to high line at rated load. 5. load regulation is measured from 0% to 100% rated load. 6. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still mee ts emc directives. 7. length of set up time is measured at cold first start. turning on/off the powe r supply very quickly may lead to increase of the set up time. file name:rs-100-spec 2005-09-13 protection type : hiccup mode, recovers automatically after fault co ndition is removed 0.6kg; 24pcs/15.4kg/0.7cuft 100w single output switching power supply r s - 1 0 0 s e r i e s withstand voltage isolation resistance i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms/500vdc emi conduction & radiation safety & emc (note 6) universal ac input / full range protections:short circuit/over load/over voltage cooling by free air convection led indicator for power on 100% full load burn-in test all using 105 withstand 300vac surge input for 5 second high operating temperature up to 70 withstand 5g vibration test high efficiency, long life and high reliability 3 years warranty long life electrolytic capacitors features :
mechanical specification case no. 901c unit:mm static characteristics terminal pin. no assignment pin no. pin no. 12 4,5 3 6,7 assignment assignment dc output -v dc output +v fg ac/l ac/n 4.5 9 152.5 7 150 6.5 18.5 3.5 3.5 78 24 159 22 117 9 56 7 4 3 2 8.2 65 2-m3 9.5 1 ambient temperature ( ) load (%) -25 -25 00 20 10 30 40 20 40 80 60 100 60 50 70 input voltage (vac) 60hz 88 100 95 120 115 160 140 200 180 240 220 264 load (%) ta=25 90 100 80 70 60 50 40 others 3.3v,5v (vertical) 28.5 3.5 18 3-m3 38 97 84.5 3.5 output derating 100w single output switching power supply r s - 1 0 0 s e r i e s file name:rs-100-spec 2005-09-13


▲Up To Search▲   

 
Price & Availability of RS-100-33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X